Part Number Hot Search : 
M471B527 MC14067B 2SA2012 C1002 VT83205Q RH2D1 LPC903F PSD934F2
Product Description
Full Text Search
 

To Download PUM-071-M30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.panduit.com material: heat stabilized nylon 6.6 flammability: meets ul94 v-2, passes fmvss 302 color: black application -60c to 115c (-76f to 239f) continuous temperature range: chemical resistance excellent resistance to common transportation fluids including: at 21 c (70 f): ethylene glycol, gasoline, jet fuel, hydraulic fluid, transmission fluids and 10% sodium chloride solution insertion force: 14 pounds maximum* environmental compliance: meets 2000/53/ec elv and 2002/95/ec rohs standards and all industry standards for hazardous material content *insertion force for pum-925 is 30 pounds at nominal hole size. key features and benefits applications technical information specifications fasteners for automotive wire harnesses shall provide fifty pounds of pull-out force with no more than 45 maximum rotation of the installed bundle. when installed in the panel, the fastening method shall firmly retain a minimum wire gauge of 12 awg within 10mm (.394") of the initial installation point. the mounts shall require no more than 14 pounds of insertion force. mounts with wider cable tie slot capability may have a proportionately higher insertion and pull-out capability. mounts shall be self-tensioning to prevent rattles and degradation of the mount over the life of the vehicle. the material for the mounts and the cable ties shall be heat stabilized nylon 6.6, black. application temperature range shall be -60c to 115c (-76f to 239f). unique alternating provides increased retention and lower insertion force, barb design reducing operator fatigue and improving productivity umbrella fir tree design locks securely into position and can be rotated 360 degrees, giving you a wider application range than fixed barb designs; also seals against dust and moisture exclusive contoured firmly retains a minimum wire gauge of 12 awg (2mm ?) anvil head within 10mm (.394") of the initial installation point, providing a low profile design assemblies with provide routing and anchoring for wire harnesses, plt cable ties significantly reducing harness assembly time production parts approval meets the needs of verband der automobilindustrie process (ppap), 3-d, and (vda) and automotive industry action group (aiag) international materials data compliant documentation, allowing parts to be listed to sheet (imds) capability imds site id panduit push mounts with umbrellas and push mount assemblies are a reliable and cost effective solution for securing wire harnesses in the automotive, marine, white goods, heavy equipment and mass transit-rail markets. designed for 4.6mm to 10.0mm through holes and variable panel thicknesses, the push mounts insert easily and exceed manufacturers? requirements for primary anchors of wire harnesses. the panduit push mounts with umbrellas are compatible with all standard p an -t y ? cable ties up to the standard 50 pound loop tensile ties. the pum-925-m30 mount has expanded slot capability which allows the use of the 120 pound loop tensile light-heavy cable ties. push mounts with umbrella 4.6mm ? 4.9mm (.18" ? .19") panel hole diameter range: pum-049-m30 6.3mm ? 7.1mm (.25" ? .28") panel hole diameter range: PUM-071-M30 9.0mm ? 10.0mm (.35" ? .40") panel hole diameter range: pum-100-m30 8.8mm ? 9.3mm (.34" ? .36") panel hole diameter range: pum-925-m30 push mount assemblies with p an -t y ? cable ties 4.6mm ? 4.9mm (.18" ? .19") panel hole diameter range: pum-049-2s-d30 6.3mm ? 7.1mm (.25" ? .28") panel hole diameter range: pum-071-2s-d30 9.0mm ? 10.0mm (.35" ? .40") panel hole diameter range: pum-100-2s-d30 8.8mm ? 9.3mm (.34" ? .36") panel hole diameter range: pum-925-3h-t30 push mount assembly with d ome -t op ? barb ty cable tie 6.3mm ? 7.1mm (.25" ? .28") panel hole diameter range: pum-071-b2s-d30 ? specification sheet push mounts and assemblies
push mounts with umbrella push mount assemblies ?2008 panduit corp. all rights reserved. ww-wasp04 10/2008 push mounts and assemblies worldwide subsidiaries and sales offices for a copy of panduit product warranties, log on to www.panduit.com/warranty panduit canada markham, ontario cs-cdn@panduit.com phone: 800.777.3300 panduit europe ltd. london, uk cs-emea@panduit.com phone: 44.20.8601.7200 panduit japan tokyo, japan cs-japan@panduit.com phone: 81.3.3767.7011 panduit singapore pte. ltd. republic of singapore cs-ap@panduit.com phone: 65.6305.7575 panduit australia pty. ltd. victoria, australia cs-aus@panduit.com phone: 61.3.9794.9020 panduit latin america jalisco, mexico cs-la@panduit.com phone: 52.333.777.6000 contact customer service by email: cs@panduit.com or by phone: 800-777-3300 and reference wasp04 visit us at www.panduit.com for more information (?) a b c *plt2s cable tie included in assembly. this cable tie is manufactured with heat stabilized, black nylon 6.6 and is approved for continuous use from -60c to 115c (-76f to 239f). **plt3h cable tie included in assembly. this cable tie is manufactured with heat stabilized, black nylon 6.6 and is approved for continuous use from -60c to 115c (-76f to 239f). ***bt2s cable tie included in assembly. this cable tie is manufactured with heat stabilized, black nylon 6.6 and is approved for continuous use from -60c to 115c (-76f to 239f). part number used with cable ties footprint (?) a in. (mm) panel to top of mount b overall height c hole size range panel thickness range std. pkg. qty. bulk pkg. qty. in. mm in. mm in. mm in. mm pum-049-m30 miniature, intermediate, standard .67 (17) .26 6.6 .54 13.8 .18 ? .19 4.6 ? 4.9 .03 ? .19 .7 ? 3.0 1000 5000 PUM-071-M30 .67 (17) .26 6.6 .67 16.9 .25 ? .28 6.3 ? 7.1 .03 ? .28 .8 ? 7.0 1000 5000 pum-100-m30 .64 (16) .26 6.6 .67 16.9 .35 ? .40 9.0 ? 10.0 .03 ? .28 .8 ? 7.0 1000 5000 pum-925-m30 miniature, intermediate, standard, light-heavy .77 (20) .30 7.6 1.05 26.7 .34 ? .36 8.8 ? 9.3 .04 ? .62 1.0 ? 16.0 1000 5000 part number footprint in. (mm) max. bundle diameter panel to top of mount overall height hole size range panel thickness range std. pkg. qty. bulk. pkg. qty. in. mm in. mm in. mm in. mm in. mm pum-049-2s-d30* .67 (17) 1.88 48 .26 6.6 .54 13.8 .18 ? .19 4.6 ? 4.9 .03 ? .19 .7 ? 3.0 500 500 pum-071-2s-d30* .67 (17) 1.88 48 .26 6.6 .67 16.9 .25 ? .28 6.3 ? 7.1 .03 ? .28 .8 ? 7.0 500 500 pum-100-2s-d30* .64 (16) 1.88 48 .26 6.6 .67 16.9 .35 ? .40 9.0 ? 10.0 .03 ? .28 .8 ? 7.0 500 500 pum-925-3h-t30** .77 (20) 3.00 76 .30 7.6 1.05 26.7 .34 ? .36 8.8 ? 9.3 .04 ? .62 1.0 ? 16.0 200 200 pum-071-b2s-d30*** .67 (17) 2.00 51 .26 6.6 .67 16.9 .25 ? .28 6.3 ? 7.1 .03 ? .28 .8 ? 7.0 500 500
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: panduit: ? pum-071-c2s-d30? pum-071-m0? pum-925-c30? pum-049-c0? pum-071-25s-d30? pum-100-c30? pum-049-m0? pum-071-2s-c30? pum-100-c0? pum-100-m0? pum-100-c2s-d30? pum-925-m0? pum-071-c0? pum-925-c0? pum071-r2s-c30? pum071-r2s-d30


▲Up To Search▲   

 
Price & Availability of PUM-071-M30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X